Part Number Hot Search : 
MAX4321 BDX54C IRF54 S1D137 2SA1790 X9241MPI 00250 C1212CX
Product Description
Full Text Search
 

To Download SF11G-SF18G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SF11G thru SF18G
SUPER FAST GLASS PASSIVATED RECTIFIERS FEATURES
Super fast switching time for high efficiency Low forward voltage drop and
REVERSE VOLTAGE - 50 to 600 Volts FORWARD CURRENT - 1.0 Ampere DO- 41
high current capabiltiy
Low reverse leakage current Plastic material has UL flammability
classification 94V-0
1.0(25.4) MIN.
.034(0.9) DIA .028(0.7)
.205(5.2) MAX
MECHANICAL DATA
Case: JEDEC DO-41 molded plastic Polarity: Color band denotes cathode Weight: 0.012 ounces , 0.34 grams Mounting position: Any
.107(2.7) DIA .080(2.0) 1.0(25.4) MIN.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load(JEDEC Method) Peak Forward Voltage at 1.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage @TJ=25 @TJ=100 @TA =55
SYMBOL VRRM VRMS VDC I(AV)
SF11G 50 35 50
SF12G 100 70 100
SF13G 150 105 150
SF14G 200 140 200 1.0
SF15G 300 210 300
SF16G 400 280 400
SF18G 600 420 600
UNIT V V V A
IFSM VF IR Trr CJ RJA TJ TSTG 35 30 0.95
30 1.25 5.0 100 40 25 40 -55 to +150 -55 to +150 50 1.3
A V A nS pF /W
Maximum Reverse Recovery Time(Note 1) Typical Junction Capacitance (Note2) Typical Thermal Resistance (Note3) Operating Temperature Range Storage Temperature Range NOTES:1.Measured with IF=0.5A,IR=1A,IRR=0.25A.
2.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC. 3.Thermal resistance junction to ambient.
~ 160 ~
RATING AND CHARACTERTIC CURVES SF11G thru SF18G
FIG. 1 - FORWARD CURRENT DERATING CURVE 1.0 0.8 0.6 PEAK FORWARD SURGE CURRENT, AMPERES AVERAGE FORWARD CURRENT AMPERES
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
FIG. 2 - MAXIMUM NON-REPETITIVE SURGE CURRENT 40
30
0.4 0.2 0 25 50 75 100 125 150 175
20
10
PULSE WIDTH 8.3ms SINGLE HALF-SINE-WAVE (JEDEC METHOD)
0 1 2 5 10 20 50 100
AMBIENT TEMPERATURE ()
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL JUNCTION CAPACITANCE 100 INSTANTANEOUS FORWARD CURRENT, (A) 100
FIG.4-TYPICAL FORWARD CHARACTERISTICS
SF11G - SF14G
SF11G-SF14G
CAPACITANCE, (pF)
10
SF15G-SF16G
SF15G - SF18G
10
SF18G
1.0
TJ = 25C PULSE WIDTH 300us
TJ = 25C f = 1 MHz
1 1 4 10 100
0.1 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
REVERSE VOLTAGE ,VOLTS
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
~ 161 ~


▲Up To Search▲   

 
Price & Availability of SF11G-SF18G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X